1. 2. 3. material content data sheet sales product name bc 848a e6327 issued 29. august 2013 ma# MA000540386 package pg-sot23-3-16 weight* 8.82 mg construction element material group substances cas# if applicable weight [mg] average mass [%] sum [%] average mass [ppm] sum [ppm] chip noble metal gold 7440-57-5 0.003 0.03 332 non noble metal arsenic 7440-38-2 0.000 0.00 3 inorganic material silicon 7440-21-3 0.025 0.28 0.31 2840 3175 leadframe non noble metal chromium 7440-47-3 0.008 0.09 933 inorganic material silicon 7440-21-3 0.001 0.01 62 non noble metal titanium 7440-32-6 0.003 0.03 311 non noble metal copper 7440-50-8 2.731 30.96 31.09 309564 310870 wire noble metal gold 7440-57-5 0.014 0.16 0.16 1623 1623 encapsulation organic material carbon black 1333-86-4 0.058 0.66 6561 plastics brominated resin - 0.087 0.98 9841 inorganic material antimonytrioxide 1309-64-4 0.116 1.31 13121 plastics epoxy resin - 1.244 14.11 141056 inorganic material silicondioxide 60676-86-0 4.283 48.55 65.61 485496 656075 leadfinish non noble metal tin 7440-31-5 0.150 1.70 1.70 16963 16963 plating noble metal silver 7440-22-4 0.100 1.13 1.13 11294 11294 *deviation < 10% sum in total: 100,00 1000000 important remarks: infineon technologies ag provides full material declaration based on information provided by third parties and has taken and continues to take reasonable steps to provide representative and accurate information. infineon technologies ag and infineon technologies ag suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. all statements are based on our present knowledge, are provided 'as is' and may be subject to change at any time due to technical requirements and development without notification. company infineon technologies ag address 81726 mnchen internet www.infineon.com
|